Part Number Hot Search : 
SN74AHC1 DTC115E SC1969 CPH6704 AS78L18Z TLE5216G 01501 9563T
Product Description
Full Text Search
 

To Download 1N5408G-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G - 1N5408G
3.0A GLASS PASSIVATED RECTIFIER Features
* * * *
Glass Passivated Die Construction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 125A Peak Lead Free Finish, RoHS Compliant (Note 4)
A
B
A
Mechanical Data
* * * * * * * *
D
Case: DO-201AD Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Plated Leads Solderable per MIL-STD-202, Method 208 e3 Polarity: Cathode Band Ordering Information: See Last Page Marking: Type Number Weight: 1.12 grams (approximate) Dim A B C D DO-201AD Min 25.40 7.20 1.20 4.80 Max -- 9.50 1.30 5.30
C
All Dimensions in mm @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr CT RqJA Tj, TSTG
1N 1N 1N 1N 1N 1N 1N 1N 1N 5400G 5401G 5402G 5403G 5404G 5405G 5406G 5407G 5408G Unit 50 35 100 70 200 140 300 210 400 280 3.0 125 1.1 5.0 100 2.0 40 32 -65 to +150 500 350 600 420 800 580 1000 700 V V A A V mA ms pF C/W C
@ IF = 3.0A @ TA = 25C @ TA = 125C
Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS29003 Rev. 6 - 2
1 of 3 www.diodes.com
1N5400G-1N5408G
a Diodes Incorporated
IO, AVERAGE FORWARD RECTIFIED CURRENT (A)
4
100
3
IF, INSTANTANEOUS FORWARD CURRENT (A)
Single phase half wave, 60Hz resistive or inductive load
10
2
1.0
1
0.1
0 0 25 50 75 100 125 150 175
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
200
200
IFSM, PEAK FORWARD SURGE CURRENT (A)
Pulse Width = 8.3ms single half sine-wave
Tj = 25C f = 1MHz
CT, TOTAL CAPACITANCE (pF)
100
100
10 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Peak Forward Surge Current 100
10 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance 100
100
Tj = 125C
10
1.0
Tj = 25C
0.1 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS29003 Rev. 6 - 2
2 of 3 www.diodes.com
1N5400G-1N5408G
Ordering Information
Device 1N5400G-B 1N5400G-T 1N5401G-B 1N5401G-T 1N5402G-B 1N5402G-T 1N5403G-B 1N5403G-T 1N5404G-B 1N5404G-T 1N5405G-B 1N5405G-T 1N5406G-B 1N5406G-T 1N5407G-B 1N5407G-T 1N5408G-B 1N5408G-T
Notes:
(Note 5) Packaging DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD Shipping 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS29003 Rev. 6 - 2
3 of 3 www.diodes.com
1N5400G-1N5408G


▲Up To Search▲   

 
Price & Availability of 1N5408G-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X